PART |
Description |
Maker |
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
CY7C1049B CY7C1049B-17VC CY7C1049B-17VI CY7C1049B- |
512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 20 ns, PDSO36 CIR 13C 13#12 SKT PLUG 512K X 8 STANDARD SRAM, 20 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 17 ns, PDSO36
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor] http://
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY62148CV33LL-70BVI CY62148CV25 CY62148CV25LL-55BA |
512K X 8 STANDARD SRAM, 55 ns, PBGA36 512K x 8 MoBL Static RAM 512K X 8 STANDARD SRAM, 70 ns, PBGA36
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AT68166FT-YM17-E AT68166FT-YM25SV |
512K X 32 STANDARD SRAM, 17 ns, CQFP68 0.950 INCH, CERAMIC, QFP-68 512K X 32 STANDARD SRAM, 25 ns, CQFP68
|
Atmel, Corp. ATMEL CORP
|
GVT73512A8J-12LC CY7C1049AV33-12VC GVT73512A8J-10C |
512K X 8 STANDARD SRAM, 12 ns, PDSO36 0.400 INCH, PLASTIC, SOJ-36 512K X 8 STANDARD SRAM, 10 ns, PDSO36
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
P4C1048L-70CWI P4C1048L-45PMB P4C1048L-45SMB P4C10 |
LOW POWER 512K x 8 CMOS STATIC RAM 低功率为512k × 8的CMOS静态RAM LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 45 ns, PDSO32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 45 ns, CDIP32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 45 ns, PDIP32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 100 ns, PDSO32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 100 ns, CDIP32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 100 ns, PDIP32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 55 ns, CDIP32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 70 ns, PDSO32 LOW POWER 512K x 8 CMOS STATIC RAM 512K X 8 STANDARD SRAM, 70 ns, CDIP32
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
32C408BRPFI-30 32C408BRPFS-30 32C408BRPFS-25 32C40 |
4 Megabit (512K x 8-Bit) SRAM 512K X 8 STANDARD SRAM, 30 ns, DFP36
|
Maxwell Technologies, Inc
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
P4C1049L-70FS36M P4C1049L-20FS36M P4C1049L-55FS36M |
512K X 8 STANDARD SRAM, 70 ns, PDFP36 DFP-36 512K X 8 STANDARD SRAM, 20 ns, PDFP36 DFP-36 512K X 8 STANDARD SRAM, 55 ns, PDFP36 DFP-36 512K X 8 STANDARD SRAM, 25 ns, PDFP36 DFP-36 512K X 8 STANDARD SRAM, 35 ns, PDFP36 DFP-36 512K X 8 STANDARD SRAM, 70 ns, CDIP32
|
Pyramid Semiconductor, Corp. PYRAMID SEMICONDUCTOR CORP
|
CY62148ELL-55SXA |
4-Mbit (512K x 8) Static RAM 512K X 8 STANDARD SRAM, 55 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
|